Part Number Hot Search : 
K3020 TA415A 2SA1313 KBP08M EV30L 9012DC HER601G TCET1201
Product Description
Full Text Search
 

To Download MAR2310 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MA R 2 3 1 0
The item can replace AP2310GN
Approved by: Checked by: Issued by:
SPECIFICATION
PRODUCT: POWER MOSFET MODEL: MA R 2 3 1 0 SOT 2 3
HOPE MICROELECTRONIC CO.,LIMITED
Tel:+86-755-82973805
Fax:+86-755-82973550
E-mail: sales@hoperf.com
Page 1 of 5
http://www.hoperf.com
POWER MOSFET Simple Drive Requirement Small Package Outline Surface Mount Device
S D
MAR2310
60V 90m 3A
BVDSS RDS(ON) ID
SOT-23 G
Description
MARKING:2310
Advanced Power MOSFETs utilized advanced processing techniques to achieve the lowest possible on-resistance, extremely efficient and cost-effectiveness device. The SOT-23 package is universally used for all commercial-industrial applications.
D
G S
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current , VGS @ 4.5V Continuous Drain Current , VGS @ 4.5V Pulsed Drain Current
1,2 3 3
Rating 60 20 3 2.3 10 1.38 0.01 -55 to 150 -55 to 150
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-a Parameter Thermal Resistance Junction-ambient
3
Value Max. 90
Unit /W
2 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
POWER MOSFET MAR2310
Electrical Characteristics@Tj=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
Test Conditions VGS=0V, ID=250uA
Min. 60 1 -
Typ. 0.05 5 6 1.6 3 6 5 16 3 490 55 40
Max. Units 90 120 3 10 25 100 10 780 V V/ m m V S uA uA nA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=3A VGS=4.5V, ID=2A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss
Gate Threshold Voltage Forward Transconductance
Drain-Source Leakage Current (Tj=25 C) Drain-Source Leakage Current (Tj=70oC)
o
VDS=VGS, ID=250uA VDS=5V, ID=3A VDS=60V, VGS=0V VDS=48V ,VGS=0V VGS=20V ID=3A VDS=48V VGS=4.5V VDS=30V ID=1A RG=3.3,VGS=10V RD=30 VGS=0V VDS=25V f=1.0MHz
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2
Test Conditions IS=1.2A, VGS=0V IS=3A, VGS=0V, dI/dt=100A/s
Min. -
Typ. 25 26
Max. Units 1.2 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.Surface mounted on 1 in2 copper pad of FR4 board ; 270/W when mounted on min. copper pad.
3 Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
POWER MOSFET MAR2310
10 10
T A =25 C
8
o
ID , Drain Current (A)
10V 7.0V 5.0V 4.5V ID , Drain Current (A) V G = 3.0 V
T A = 150 o C
8
10V 7.0V 5.0V 4.5V V G = 3.0 V
6
6
4
4
2
2
0 0 1 2 3 4 5
0 0 1 2 3 4 5
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
105
2.0
ID=2A
99
1.8
T A =25 C
1.6
o
ID=3A V G =10V
RDS(ON) (m )
93
Normalized R DS(ON)
1.4
1.2
87
1.0
81 0.8
75 2 4 6 8 10
0.6 -50 0 50 100 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.4
3
1.2
2
Normalized VGS(th) (V)
1.0
IS(A)
T j =150 o C
1
T j =25 o C
0.8
0.6
0 0 0.2 0.4 0.6 0.8 1 1.2
0.4 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( C)
o
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
4
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
POWER MOSFET MAR2310
f=1.0MHz
14
1000
VGS , Gate to Source Voltage (V)
12
ID=3A V DS = 30 V V DS =38V V DS =48V
C iss
10
8
C (pF)
100
6
4
C oss C rss
2
0 0 3 6 9 12 15
10
1
5
9
13
17
21
25
29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100.000
1
Duty factor=0.5
10.000
Normalized Thermal Response (Rthja)
0.2
100us
1.000
0.1
0.1 0.05
ID (A)
1ms 10ms 100ms 1s DC
0.01
PDM
t T
0.100
0.01
Single Pulse
0.010
T A =25 o C Single Pulse
Duty factor = t/T Peak Tj = PDM x Rthja + Ta Rthja = 270/W
0.001 0.001 0.1 1 10 100 1000
0.0001 0.001 0.01 0.1 1 10 100 1000
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
VDS 90%
VG QG QGS QGD
4.5V
10% VGS td(on) tr td(off) tf Charge Q
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
5
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com


▲Up To Search▲   

 
Price & Availability of MAR2310

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X